Part Number Hot Search : 
T245A UGSP15D MA700 HCF40 IT310 30KP102A 2N1893UB HFA60
Product Description
Full Text Search
 

To Download 2SA748 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA748
DESCRIPTION *With TO-220 package *Complement to type 2SC1398 *Large collector power dissipation APPLICATIONS *For medium power amplifier applicattions
PINNING PIN 1 2 3 Emitter Collector;connected to mounting base Base Fig.1 simplified outline (TO-220) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25)
SYMBOL VCBO VCEO VEBO IC ICM PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Collector power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE -70 -50 -5 -2 -3 15 150 -55~150 UNIT V V V A A W
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
CHARACTERISTICS
Tj=25 unless otherwise specified SYMBOL V(BR)CEO V(BR)CBO VCEsat VBEsat ICBO ICEO IEBO hFE-1 hFE-2 fT PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Collector cut-off current Emitter cut-off current DC current gain DC current gain Transition frequency CONDITIONS IC=-10mA ,IB=0 IC=-1mA ,IE=0 IC=-1A; IB=-0.1A IC=-2A; IB=-0.2A VCB=-40V; IE=0 VCE=-20V; IB=0 VEB=-5V; IC=0 IC=-0.1A ; VCE=-5V IC=-1A ; VCE=-5V IC=0.5A ; VCE=-5V 30 50 120 MIN -50 -70 -0.6 -1.0 TYP.
2SA748
MAX
UNIT V V
-1.0 -1.5 -1 -100 -100
V V A A A
220 MHz
hFE-2 Classifications P 50-100 Q 80-160 R 120-220
2
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
PACKAGE OUTLINE
2SA748
Fig.2 Outline dimensions(unindicated tolerance:0.10 mm)
3


▲Up To Search▲   

 
Price & Availability of 2SA748

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X